PART |
Description |
Maker |
MCP1701T-25021/TO MCP1701T-25021/MB MCP1701T-25021 |
5 V FIXED POSITIVE LDO REGULATOR, 0.63 V DROPOUT, PBCY3 Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:56pF/ft; Conductor Material:Copper RoHS Compliant: Yes 5015 RR 3#8 3#16 SKT RECP Multiconductor Security and Alarm Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.3pF/ft; Conductor Material:Copper; Leaded Process Compatible:Yes RoHS Compliant: Yes 2uA Low Dropoout Positive Voltage Refulator 五成低Dropoout正电压Refulator 5015 RR 2#8 2#16 PIN RECPT 五成低Dropoout正电压Refulator
|
Microchip Technology Inc. Microchip Technology, Inc.
|
CDLL4620 CDLL4614 CDLL4615 CDLL4616 CDLL4617 CDLL4 |
4.3 volt zener diode 3.3 volt zener diode 5.1 volt zener diode 3.9 volt zener diode 2.4 volt zener diode LEADLESS PACKAGE FOR SURFACE MOUNT 2-of-3 Decoder/Demultiplexer 8-US8 -40 to 85 2-of-3 Decoder/Demultiplexer 8-SM8 -40 to 85 2-of-3 Decoder/Demultiplexer 8-DSBGA -40 to 85 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 4.7 volt zener diode 5.6 volt zener diode 2.2 volt zener diode 3.6 volt zener diode 2.0 volt zener diode
|
Compensated Devices Incorporated CDI-DIODE[Compensated Deuices Incorporated]
|
IP78M05DP IP78M05ADP |
3 TERMINAL LOW CURRENT 5 VOLT POSITIVE VOLTAGE REGULATOR
|
SemeLAB SEME-LAB[Seme LAB]
|
A29L008UV-90 A29L008TV-90U A29L008TV-90 A29L008TV- |
90ns; active read:9mA; programm/erase:20mA 0.2uA 1M x 8bit CMOS 3.0V-only boot sector flash memory 1M X 8 Bit CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory From old datasheet system
|
AMICC[AMIC Technology]
|
MAX8877-MAX8878 MAX8877EUK33-T MAX8877EUK50-T MAX8 |
From old datasheet system VOLT REGULATOR|FIXED| 3.3V|CMOS|TSOP|6PIN|PLASTIC VOLT REGULATOR|FIXED| 5V|CMOS|TSOP|6PIN|PLASTIC 5 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5 Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 5 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5 Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 1.5 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5 Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 1.8 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5 Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 2.7 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5 Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 4.2 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5 Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 3.6 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5 1.5 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, UUC 4.2 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, UUC 3 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, UUC Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Produc...
|
ZR78L033N8 ZR78L028C ZR78L052C ZR78L052G ZR78L052N |
From old datasheet system 2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR VOLT REGULATOR,FIXED, 3.3V,BIPOLAR,SOP,8PIN,PLASTIC
|
Diodes Incorporated ZETEX[Zetex Semiconductors]
|
SHD52627 |
POSITIVE 5 VOLT VERY LOW DROPOUT VOLTAGE REGULATOR
|
Sensitron
|
74LVC821A 74LVC821AD 74LVC821ADB 74LVC821APW 74LVC |
positive-edge trigger (3-State) From old datasheet system 10-bit D-type flip-flop with 5-volt tolerant inputs/outputs; positive-edge trigger 3-State 10-bit D-type flip-flop with 5-volt tolerant inputs/outputs;positive-edge trigger(3-State)(5V输入/输出容限的上升沿触发0位D触发器(三态))
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
SHD526013A |
POSITIVE FIXED 15 VOLT 1.5 AMP REGULATOR
|
Sensitron
|
LM323 |
3-AMPERE, 5 VOLT POSITIVE VOLTAGE REGULATORS
|
ON Semiconductor
|